Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F800B-120FIB Fiches technique(PDF) 20 Page - Advanced Micro Devices

No de pièce AM29F800B-120FIB
Description  8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800B-120FIB Fiches technique(HTML) 20 Page - Advanced Micro Devices

Back Button AM29F800B-120FIB Datasheet HTML 16Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 17Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 18Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 19Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 20Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 21Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 22Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 23Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
20
Am29F800T/Am29F800B
8/18/97
PR E L IM IN A R Y
EMBEDDED ALGORITHMS
Note:
1. To insure the command has been accepted, the system software should check the status of DQ3 prior to and following each
subsequent sector erase command. If DQ3 were high on the second status check, the command may not have been ac-
cepted.
Figure 2.
Embedded Erase Algorithm
Start
Erasure Completed
Write Erase Command Sequence
(see below)
Data Polling or Toggle Bit
Successfully Completed
555H/AAH
2AAH/55H
555H/80H
Chip Erase Command Sequence
(Address/Command):
555H/AAH
2AAH/55H
555H/10H
555H/AAH
2AAH/55H
555H/80H
Individual Sector/Multiple Sector
Erase Command Sequence
(Address/Command):
555H/AAH
Sector Address/30H
Sector Address/30H
Sector Address/30H
2AAH/55H
Additional sector
erase commands
are optional
20375C-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41