Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV320ML112REF Fiches technique(PDF) 59 Page - SPANSION

No de pièce AM29LV320ML112REF
Description  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV320ML112REF Fiches technique(HTML) 59 Page - SPANSION

Back Button AM29LV320ML112REF Datasheet HTML 51Page - SPANSION AM29LV320ML112REF Datasheet HTML 52Page - SPANSION AM29LV320ML112REF Datasheet HTML 53Page - SPANSION AM29LV320ML112REF Datasheet HTML 54Page - SPANSION AM29LV320ML112REF Datasheet HTML 55Page - SPANSION AM29LV320ML112REF Datasheet HTML 56Page - SPANSION AM29LV320ML112REF Datasheet HTML 57Page - SPANSION AM29LV320ML112REF Datasheet HTML 58Page - SPANSION AM29LV320ML112REF Datasheet HTML 59Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 59 / 59 page
background image
December 14, 2005
Am29LV320MH/L
57
DA TA SH EET
CMOS Compatible
Corrected Typ and Max values for the I
CC 1, 2, and 3.
Erase and Program Operations and Alternate CE#
Controlled Erase and Program Operations
Changed Accelerated Effective Write Buffer Program
Operation value.
Erase and Programming Performance
Input values into table that were previously TBD.
Modified notes.
Removed Word references.
Revision B +1 (February 12, 2004)
Customer Lockable: SecSi Sector NOT
Programmed or Protected at the Factory
Removed second paragraph.
Table 10 & Table 11: Command Definitions
Replaced the Addr information for both Program/Erase
Suspend and Program/Erase Resume from BA to
XXX.
Erase Suspend/Erase Resume Commands
Added note on flash device performance during
suspend/erase mode.
AC Characteristics - Erase and Program
Operations
Removed Byte information for t
WHWH1 parameter.
Added t
POLL information and footnote.
AC Characteristics Figures - Program Operation
Timings, Data# Polling Timings (During Embedded
Algorithms, and Alternate CE# Controlled Write
(Erase/Program) Operation Timings
Updated with tPOLL information.
AC Characteristics - Alternate CE# Controlled
Erase and Program Operations
Added t
POLL information and footnote.
Erase and Programming Performance
Added tPOLL information and footnote.
Trademarks
Updated.
Cover sheet and Title page
Added notation referencing superseding documenta-
tion.
Revision B +2 (October 27, 2004)
Ordering Information
Added Lead-free package options.
Revision B +3 (December 14, 2005)
Global EOL
This product has been retired and is not available for
designs. For new and current designs, S29GL032A
supersedes Am29LV320M H/L and is the factory-rec-
ommended migration path. Please refer to the
S29GL032A datasheet for specifications and ordering
information. Availability of this document is retained for
reference and historical purposes only.
Trademarks
Copyright © 2004-2005 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59