| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29LV320MH112REF Fiches technique(PDF) 10 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29LV320MH112REF Fiches technique(HTML) 10 Page - SPANSION |
|
10 / 59 page ![]() 8 Am29LV320MH/L December 14, 2005 DA TA SH EET PIN DESCRIPTION A20–A0 = 21 Address inputs DQ14–DQ0 = 15 Data inputs/outputs DQ15/A-1 = DQ15 (Data input/output, word mode), A-1 (LSB Address input, byte mode) CE# = Chip Enable input OE# = Output Enable input WE# = Write Enable input WP#/ACC = Hardware Write Protect input/Pro- gramming Acceleration input RESET# = Hardware Reset Pin input RY/BY# = Ready/Busy output BYTE# = Selects 8-bit or 16-bit mode V CC = 3.0 volt-only single power supply (see Product Selector Guide for speed options and voltage supply tolerances) V IO = Output Buffer power V SS = Device Ground NC = Pin Not Connected Internally LOGIC SYMBOL 21 16 or 8 DQ15–DQ0 (A-1) A20–A0 CE# OE# WE# RESET# RY/BY# WP#/ACC V IO BYTE# |