| Moteur de recherche de fiches techniques de composants électroniques |
|
S29CD032J Fiches technique(PDF) 19 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29CD032J Fiches technique(HTML) 19 Page - SPANSION |
|
19 / 76 page ![]() September 27, 2006 S29CD-J_CL-J_00_B1 S29CD-J & S29CL-J Flash Family 17 Da ta Shee t (Prelim i nar y ) Notes 1. Secured Silicon Sector overlays this sector when enabled. 2. The bank address is determined by A19 and A18. BA = 00 for Bank 0 and BA = 01, 10, or 11 for Bank 1. 3. This sector has the additional WP# pin sector protection feature. Table 7.3 S29CD032J/CL032J (Top Boot) Sector & Memory Address Map Sector Sector Group x32 Address Range (A19:A0) Sector Size (KDwords) Sector Sector Group x32 Address Range (A19:A0) Sector Size (KDwords) Bank 0 (Note 2) Bank 1 continued (Note 2) SA0 (Note 1) SG0 00000h–007FFh 2 SA39 SG16 80000h–83FFFh 16 SA1 SG1 00800h–00FFFh 2 SA40 84000h–87FFFh 16 SA2 SG2 01000h–017FFh 2 SA41 88000h–8BFFFh 16 SA3 SG3 01800h–01FFFh 2 SA42 8C000h–8FFFFh 16 SA4 SG4 02000h–027FFh 2 SA43 SG17 90000h–93FFFh 16 SA5 SG5 02800h–02FFFh 2 SA44 94000h–97FFFh 16 SA6 SG6 03000h–037FFh 2 SA45 98000h–9BFFFh 16 SA7 SG7 03800h–03FFFh 2 SA46 9C000h–9FFFFh 16 SA8 SG8 04000h–07FFFh 16 SA47 SG18 A0000h–A3FFFh 16 SA9 08000h–0BFFFh 16 SA48 A4000h–A7FFFh 16 SA10 0C000h–0FFFFh 16 SA49 A8000h–ABFFFh 16 SA11 SG9 10000h–13FFFh 16 SA50 AC000h–AFFFFh 16 SA12 14000h–17FFFh 16 SA51 SG19 B0000h–B3FFFh 16 SA13 18000h–1BFFFh 16 SA52 B4000h–B7FFFh 16 SA14 1C000h–1FFFFh 16 SA53 B8000h–BBFFFh 16 SA15 SG10 20000h–23FFFh 16 SA54 BC000h–BFFFFh 16 SA16 24000h–27FFFh 16 SA55 SG20 C0000h–C3FFFh 16 SA17 28000h–2BFFFh 16 SA56 C4000h–C7FFFh 16 SA18 2C000h–2FFFFh 16 SA57 C8000h–CBFFFh 16 SA19 SG11 30000h–33FFFh 16 SA58 CC000h–CFFFFh 16 SA20 34000h–37FFFh 16 SA59 SG21 D0000h–D3FFFh 16 SA21 38000h–3BFFFh 16 SA60 D4000h–D7FFFh 16 SA22 3C000h–3FFFFh 16 SA61 D8000h–DBFFFh 16 Bank 1 (Note 2) SA62 DC000h–DFFFFh 16 SA23 SG12 40000h–43FFFh 16 SA63 SG22 E0000h–E3FFFh 16 SA24 44000h–47FFFh 16 SA64 E4000h–E7FFFh 16 SA25 48000h–4BFFFh 16 SA65 E8000h–EBFFFh 16 SA26 4C000h–4FFFFh 16 SA66 EC000h–EFFFFh 16 SA27 SG13 50000h–53FFFh 16 SA67 SG23 F0000h–F3FFFh 16 SA28 54000h–57FFFh 16 SA68 F4000h–F7FFFh 16 SA29 58000h–5BFFFh 16 SA69 F8000h–FBFFFh 16 SA30 5C000h–5FFFFh 16 SA70 SG24 FC000h–FC7FFh 2 SA31 SG14 60000h–63FFFh 16 SA71 SG25 FC800h–FCFFFh 2 SA32 64000h–67FFFh 16 SA72 SG26 FD000h–FD7FFh 2 SA33 68000h–6BFFFh 16 SA73 SG27 FD800h–FDFFFh 2 SA34 6C000h–6FFFFh 16 SA74 SG28 FE000h–FE7FFh 2 SA35 SG15 70000h–73FFFh 16 SA75 SG29 FE800h–FEFFFh 2 SA36 74000h–77FFFh 16 SA76 (Note 3) SG30 FF000h–FF7FFh 2 SA37 78000h–7BFFFh 16 SA77 (Note 3) SG31 FF800h–FFFFFh 2 SA38 7C000h–7FFFFh 16 |