| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F302R8T6 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F302R8T6 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 7 page ![]() 1 Ordering information To order an STM32 Nucleo-64 board, refer to Table 1. For a detailed description of each board, refer to its user manual on the product web page. Additional information is available from the datasheet and reference manual of the target STM32. Table 1. List of available products Order code Board reference User manual Target STM32 Differentiating features NUCLEO-F030R8 MB1136 UM1724 STM32F030R8T6 • Arm® Mbed Enabled™ • ST-LINK/V2-1 on Mini-AB USB connector NUCLEO-F070RB STM32F070RBT6 • Arm® Mbed Enabled™ • ST-LINK/V2-1 on Mini-AB USB connector NUCLEO-F072RB STM32F072RBT6 • Arm® Mbed Enabled™ • ST-LINK/V2-1 on Mini-AB USB connector NUCLEO-F091RC STM32F091RCT6U • Arm® Mbed Enabled™ • ST-LINK/V2-1 on Mini-AB USB connector NUCLEO-F103RB STM32F103RBT6 • Arm® Mbed Enabled™ • ST-LINK/V2-1 on Mini-AB USB connector NUCLEO-F302R8 STM32F302R8T6 • Arm® Mbed Enabled™ • ST-LINK/V2-1 on Mini-AB USB connector NUCLEO-F303RE STM32F303RET6 • Arm® Mbed Enabled™ • ST-LINK/V2-1 on Mini-AB USB connector NUCLEO-F334R8 STM32F334R8T6 • Arm® Mbed Enabled™ • ST-LINK/V2-1 on Mini-AB USB connector NUCLEO-F401RE STM32F401RET6U • Arm® Mbed Enabled™ • ST-LINK/V2-1 on Mini-AB USB connector NUCLEO-F410RB STM32F410RBT6U • Arm® Mbed Enabled™ • ST-LINK/V2-1 on Mini-AB USB connector NUCLEO-F411RE STM32F411RET6U • Arm® Mbed Enabled™ • ST-LINK/V2-1 on Mini-AB USB connector NUCLEO-F446RE STM32F446RET6U • Arm® Mbed Enabled™ • ST-LINK/V2-1 on Mini-AB USB connector NUCLEO-G070RB MB1360 UM2324 STM32G070RBT6 • ST-LINK/V2-1 on Micro-AB USB connector NUCLEO-G071RB STM32G071RBT6 • ST-LINK/V2-1 on Micro-AB USB connector NUCLEO ‑XXXXRX NUCLEO‑XXXXRX‑P Ordering information DB2196 - Rev 14 page 2/7 |