| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29BDS128H Fiches technique(PDF) 72 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29BDS128H Fiches technique(HTML) 72 Page - SPANSION |
|
72 / 89 page ![]() 70 Am29BDS128H/Am29BDS640H 27024B3 May 10, 2006 D A TA SH EE T AC CHARACTERISTICS Notes: 1. PA = Program Address, PD = Program Data, VA = Valid Address for reading status bits. 2. “In progress” and “complete” refer to status of program operation. 3. Amax–A12 are don’t care during command sequence unlock cycles. 4. CLK can be either VIL or VIH. 5. The Asynchronous programming operation is independent of the Set Device Read Mode bit in the Configuration Register. Figure 34. Asynchronous Program Operation Timings: AVD# Latched Addresses OE# CE#f Data Addresses AVD# WE# CLK VCCf tAS tWP tAH tWC tWPH PA tVCS tCS tDH tCH In Progress tWHWH1 VA Complete VA Program Command Sequence (last two cycles) Read Status Data tDS VIH VIL tAVDP A0h 555h PD |