Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HORNETPRO-8R4 Fiches technique(PDF) 7 Page - rfsolutions.ltd

No de pièce HORNETPRO-8R4
Description  Remote Control System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFSOLUTIONS [rfsolutions.ltd]
Site Internet  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

HORNETPRO-8R4 Fiches technique(HTML) 7 Page - rfsolutions.ltd

  HORNETPRO-8R4 Datasheet HTML 1Page - rfsolutions.ltd HORNETPRO-8R4 Datasheet HTML 2Page - rfsolutions.ltd HORNETPRO-8R4 Datasheet HTML 3Page - rfsolutions.ltd HORNETPRO-8R4 Datasheet HTML 4Page - rfsolutions.ltd HORNETPRO-8R4 Datasheet HTML 5Page - rfsolutions.ltd HORNETPRO-8R4 Datasheet HTML 6Page - rfsolutions.ltd HORNETPRO-8R4 Datasheet HTML 7Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
HORNET Pro
RF Solutions Ltd. Recycling Notice
Meets the following EC Directives:
DO NOT
Discard with normal waste, please recycle.
ROHS Directive 2011/65/EU and amendment 2015/863/EU
Specifies certain limits for hazardous substances.
WEEE Directive 2012/19/EU
Waste electrical & electronic equipment. This product must be disposed of
through a licensed WEEE collection point. RF Solutions Ltd., fulfills its WEEE obligations by membership of an approved compliance
scheme. Environment Agency producer registration number: WEE/JB0104WV.
Waste Batteries and Accumulators
Directive 2006/66/EC
Where batteries are fitted, before recycling the
product, the batteries must be removed and dis-
posed of at a licensed collection point.
RF Solutions battery producer number:
BPRN00060.
50.00
82.00
All Dimensions in mm
3 x slots
4.5 x 13mm
Mechanical Dimensions
RED Directive
This product meets the requirements of directive 2014/53/EU.
Full declaration is available at:-
https://www.rfsolutions.co.uk/certification-i59



Html Pages

1 2 3 4 5 6 7