Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1012 Fiches technique(PDF) 1 Page - Pico Technology Ltd.

No de pièce 1012
Description  Multi-channel data acquisition
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PICO [Pico Technology Ltd.]
Site Internet  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

1012 Fiches technique(HTML) 1 Page - Pico Technology Ltd.

  1012 Datasheet HTML 1Page - Pico Technology Ltd. 1012 Datasheet HTML 2Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.picotech.com
1000 Series
Multi-channel data acquisition
Up to 16 unipolar analog input channels
Up to 12-bit resolution with 0.5% accuracy
Up to 4 software configurable digital output lines
Up to 1 MS/s sample rate
USB connected and powered
Complete with ready-to-go data logging software
Includes API and examples for C/C++/C#, VB, LabVIEW VIs
Flexible sampling modes
Both loggers feature 3 sampling modes to meet most data logging needs:
streaming, real-time continuous and block mode. Streaming allows channel
voltage readings to be logged continuously at 1 kS/s on any number of channels,
while real-time continuous provides averaged, time-accurate readings with
automatic measurements available in PicoLog. Block mode captures at the
full 1 MS/s sample rate of the logger for the duration of the 8k sample buffer.
All you need
Designed to meet the needs of a wide range of general-purpose voltage,
sensor and transducer logging applications, the PicoLog 1216 and 1012 feature
independent software-configurable channels, ranges, scaling and control
outputs. An optional external terminal board allows for easy range extension
and ease of terminating wires.
Ready-to-go
The PicoLog 1000 Series multi-channel voltage data loggers include everything
needed for immediate use and are complemented by a full suite of software
including the PicoLog data logging package, the PicoScope oscilloscope
package and an SDK for writing user programs.
PicoLog®


Numéro de pièce similaire - 1012

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
1012 MACOM-1012 Datasheet
50Kb / 1P
WILMAR??Protective Relays - 1000 Series
logo
Adafruit Industries
1012 ADAFRUIT-1012 Datasheet
79Kb / 2P
USB WiFi (802.11b/g/n) Module: For Raspberry Pi and more
logo
JDS Uniphase Corporatio...
1012-00-0057 JDSU-1012-00-0057 Datasheet
780Kb / 12P
Stealth Digital Analyzer
1012-00-0057 JDSU-1012-00-0057 Datasheet
754Kb / 8P
Stealth Digital Analyzer
logo
List of Unclassifed Man...
1012-0100-R ETC-1012-0100-R Datasheet
29Kb / 1P
Battery Operated Portable
More results

Description similaire - 1012

FabricantNo de pièceFiches techniqueDescription
logo
DATEL, Inc.
HDAS-16G883 DATEL-HDAS-16G883 Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-16GC-C DATEL-HDAS-16GC-C Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-16MC DATEL-HDAS-16MC Datasheet
102Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-16MM-C DATEL-HDAS-16MM-C Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-16MM-QL DATEL-HDAS-16MM-QL Datasheet
104Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-524MC-C DATEL-HDAS-524MC-C Datasheet
104Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-8G883-C DATEL-HDAS-8G883-C Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-8GC-C DATEL-HDAS-8GC-C Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-8MC-C DATEL-HDAS-8MC-C Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-16ME DATEL-HDAS-16ME Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
More results


Html Pages

1 2