Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5553AVR112R2 Fiches technique(PDF) 49 Page - Freescale Semiconductor, Inc

No de pièce MPC5553AVR112R2
Description  Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553AVR112R2 Fiches technique(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC5553AVR112R2 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5553AVR112R2 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5553AVR112R2 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5553AVR112R2 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5553AVR112R2 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5553AVR112R2 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5553AVR112R2 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5553AVR112R2 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5553AVR112R2 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
Mechanicals
MPC5553 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
49
4
Mechanicals
4.1
Pinouts
4.1.1
MPC5553 416 PBGA Pinout
Figure 33, Figure 34, and Figure 35 show the pinout for the MPC5553 416 PBGA package. While the
MPC5553 and the MPC5554/MPC5565/MPC5566 are pin-compatible, the MPC5553 ball map is shown
here to highlight the balls that are not connected to any signal on the MCP5553 (the eTPUB[0:31] and
TSIZ[0:1]). The alternate Ethernet signals that are multiplexed with the data bus are not shown for the
MPC5553.
NOTE
Some pins have names that include functions that are not available on all
family members. For example, ball R25 of the 416 BGA package is named
‘SINA,’ but the MPC5553 does not have a DSPI_A module. In this case, the
SINA pin can only be used for its alternate functions of GPIO94 or PCSC2.
See the specific device reference manual for functions available on each
device in the family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60