Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCC4094BK1 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce HCC4094BK1
Description  Rad-hard, high voltage, CMOS logic series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4094BK1 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button HCC4094BK1 Datasheet HTML 4Page - STMicroelectronics HCC4094BK1 Datasheet HTML 5Page - STMicroelectronics HCC4094BK1 Datasheet HTML 6Page - STMicroelectronics HCC4094BK1 Datasheet HTML 7Page - STMicroelectronics HCC4094BK1 Datasheet HTML 8Page - STMicroelectronics HCC4094BK1 Datasheet HTML 9Page - STMicroelectronics HCC4094BK1 Datasheet HTML 10Page - STMicroelectronics HCC4094BK1 Datasheet HTML 11Page - STMicroelectronics HCC4094BK1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Product
name
Description
Commercial
Product(1)
ESCC
specification
Quality level
Package(2)
Lead
finish
Marking(3)
Mass
(g)
HCC4029B
Rad-hard presettable
up / down counter
HCC4029BKT
920402502
ESCC Flight
FLAT16 ESA
FP
Solder
Dip
920402502
0.70
HCC4040B
Rad-hard 12-stage
binary/Ripple counter
HCC4040BDG
920402608
ESCC Flight
DIL16 FP
Gold
920402608
2.20
HCC4040BDT
920402609
ESCC Flight
DIL16 FP
Solder
Dip
920402609
2.20
HCC4040BK1
-
Engineering
Model
FLAT16 ESA
EM
Gold
HCC4040BK1
0.70
HCC4040BKG
920402601
ESCC Flight
FLAT16 ESA
FP
Gold
920402601
0.70
HCC4040BKT
920402602
ESCC Flight
FLAT16 ESA
FP
Solder
Dip
920402602
0.70
HCC4046B
Rad-hard
micropower Phase
locker Loop
HCC4046BDG
920204408
ESCC Flight
DIL16 FP
Gold
920204408
2.20
HCC4046BDT
920204409
ESCC Flight
DIL16 FP
Solder
Dip
920204409
2.20
HCC4046BK1
-
Engineering
Model
FLAT16 ESA
EM
Gold
HCC4046BK1
0.70
HCC4046BKG
920204401
ESCC Flight
FLAT16 ESA
FP
Gold
920204401
0.70
HCC4046BKT
920204402
ESCC Flight
FLAT16 ESA
FP
Solder
Dip
920204402
0.70
HCC4047B
Rad-hard
monostable/Astable
multivibrator
HCC4047BDG
920700303
ESCC Flight
DIL14 FP
Gold
920700303
2.20
HCC4047BDT
920700304
ESCC Flight
DIL14 FP
Solder
Dip
920700304
2.20
HCC4047BK1
-
Engineering
Model
FLAT14 ESA
EM
Gold
HCC4047BK1
0.70
HCC4047BKG
920700301
ESCC Flight
FLAT14 ESA
FP
Gold
920700301
0.70
HCC4047BKT
920700302
ESCC Flight
FLAT14 ESA
FP
Solder
Dip
920700302
0.70
HCC4050B
Rad-hard hex non-
inverting buffer /
converter
HCC4050BDG
920204608
ESCC Flight
DIL16 FP
Gold
920204608
2.20
HCC4050BDT
920204609
ESCC Flight
DIL16 FP
Solder
Dip
920204609
2.20
HCC4050BK1
-
Engineering
Model
FLAT16 ESA
EM
Gold
HCC4050BK1
0.70
HCC4050BKG
920204601
ESCC Flight
FLAT16 ESA
FP
Gold
920204601
0.70
HCC4050BKT
920204602
ESCC Flight
FLAT16 ESA
FP
Solder
Dip
920204602
0.70
HCC4051B
Rad-hard single 8-
channel analog mux /
demux
HCC4051BDG
920204708
ESCC Flight
DIL16 FP
Gold
920204708
2.20
HCC4051BDT
920204709
ESCC Flight
DIL16 FP
Solder
Dip
920204709
2.20
HCC4051BK1
-
Engineering
Model
FLAT16 ESA
EM
Gold
HCC4051BK1
0.70
HCC4051BKG
920204701
ESCC Flight
FLAT16 ESA
FP
Gold
920204701
0.70
HCC4051BKT
920204702
ESCC Flight
FLAT16 ESA
FP
Solder
Dip
920204702
0.70
HCC40xxx, HCC45xxx
Ordering information
DS6709 - Rev 8
page 8/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16