Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCC4073BKG Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce HCC4073BKG
Description  Rad-hard, high voltage, CMOS logic series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4073BKG Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button HCC4073BKG Datasheet HTML 5Page - STMicroelectronics HCC4073BKG Datasheet HTML 6Page - STMicroelectronics HCC4073BKG Datasheet HTML 7Page - STMicroelectronics HCC4073BKG Datasheet HTML 8Page - STMicroelectronics HCC4073BKG Datasheet HTML 9Page - STMicroelectronics HCC4073BKG Datasheet HTML 10Page - STMicroelectronics HCC4073BKG Datasheet HTML 11Page - STMicroelectronics HCC4073BKG Datasheet HTML 12Page - STMicroelectronics HCC4073BKG Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Product
name
Description
Commercial
Product(1)
ESCC
specification
Quality level
Package(2)
Lead
finish
Marking(3)
Mass
(g)
HCC4052B
Rad-hard differential
4-channel analog
mux / demux
HCC4052BDG
920204808
ESCC Flight
DIL16 FP
Gold
920204808
2.20
HCC4052BDT
920204809
ESCC Flight
DIL16 FP
Solder
Dip
920204809
2.20
HCC4052BK1
-
Engineering
Model
FLAT16 ESA
EM
Gold
HCC4052BK1
0.70
HCC4052BKG
920204801
ESCC Flight
FLAT16 ESA
FP
Gold
920204801
0.70
HCC4052BKT
920204802
ESCC Flight
FLAT16 ESA
FP
Solder
Dip
920204802
0.70
HCC4053B
Rad-hard triple 2-
channel analog mux /
demux
HCC4053BDG
920204908
ESCC Flight
DIL16 FP
Gold
920204908
2.20
HCC4053BDT
920204909
ESCC Flight
DIL16 FP
Solder
Dip
920204909
2.20
HCC4053BK1
-
Engineering
Model
FLAT16 ESA
EM
Gold
HCC4053BK1
0.70
HCC4053BKG
920204901
ESCC Flight
FLAT16 ESA
FP
Gold
920204901
0.70
HCC4053BKT
920204902
ESCC Flight
FLAT16 ESA
FP
Solder
Dip
920204902
0.70
HCC4060B
Rad-hard 14-stage
counter / divider and
oscillator
HCC4060BDG
920405208
ESCC Flight
DIL16 FP
Gold
920405208
2.20
HCC4060BKG
920405201
ESCC Flight
FLAT16 ESA
FP
Gold
920405201
0.70
HCC4066B
Rad-hard quad
bilateral switch
HCC4066BDG
940800503
ESCC Flight
DIL14 FP
Gold
940800503
2.20
HCC4066BDT
940800504
ESCC Flight
DIL14 FP
Solder
Dip
940800504
2.20
HCC4066BK1
-
Engineering
Model
FLAT14 ESA
EM
Gold
HCC4066BK1
0.70
HCC4066BKG
940800501
ESCC Flight
FLAT14 ESA
FP
Gold
940800501
0.70
HCC4066BKT
940800502
ESCC Flight
FLAT14 ESA
FP
Solder
Dip
940800502
0.70
HCC4067B
Rad-hard single 16-
channel analog mux /
demux
HCC4067BDG
940800903
ESCC Flight
DIL24 large
FP
Gold
940800903
5.20
HCC4067BDT
940800904
ESCC Flight
DIL24 large
FP
Solder
Dip
940800904
5.20
HCC4067BK1
-
Engineering
Model
FLAT24 EM
Gold
HCC4067BK1
1.70
HCC4067BKG
940800901
ESCC Flight
FLAT24 FP
Gold
940800901
1.70
HCC4067BKT
940800902
ESCC Flight
FLAT24 FP
Solder
Dip
940800902
1.70
HCC4070B
Rad-hard quad
exclusive OR gate
HCC4070BDG
920104803
ESCC Flight
DIL14 FP
Gold
920104803
2.20
HCC4070BDT
920104804
ESCC Flight
DIL14 FP
Solder
Dip
920104804
2.20
HCC4070BK1
-
Engineering
Model
FLAT14 ESA
EM
Gold
HCC4070BK1
0.70
HCC4070BKG
920104801
ESCC Flight
FLAT14 ESA
FP
Gold
920104801
0.70
HCC4070BKT
920104802
ESCC Flight
FLAT14 ESA
FP
Solder
Dip
920104802
0.70
HCC40xxx, HCC45xxx
Ordering information
DS6709 - Rev 8
page 9/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16