| Moteur de recherche de fiches techniques de composants électroniques |
|
HCC4013BK1 Fiches technique(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4013BK1 Fiches technique(HTML) 10 Page - STMicroelectronics |
|
10 / 16 page ![]() Product name Description Commercial Product(1) ESCC specification Quality level Package(2) Lead finish Marking(3) Mass (g) HCC4071B Rad-hard quad 2- input OR gate HCC4071BDG 920106303 ESCC Flight DIL14 FP Gold 920106303 2.20 HCC4071BDT 920106304 ESCC Flight DIL14 FP Solder Dip 920106304 2.20 HCC4071BK1 - Engineering Model FLAT14 ESA EM Gold HCC4071BK1 0.70 HCC4071BKG 920106301 ESCC Flight FLAT14 ESA FP Gold 920106301 0.70 HCC4071BKT 920106302 ESCC Flight FLAT14 ESA FP Solder Dip 920106302 0.70 HCC4073B Rad-hard triple 3- input AND gate HCC4073BDG 920106403 ESCC Flight DIL14 FP Gold 920106403 2.20 HCC4073BDT 920106404 ESCC Flight DIL14 FP Solder Dip 920106404 2.20 HCC4073BK1 - Engineering Model FLAT14 ESA EM Gold HCC4073BK1 0.70 HCC4073BKG 920106401 ESCC Flight FLAT14 ESA FP Gold 920106401 0.70 HCC4073BKT 920106402 ESCC Flight FLAT14 ESA FP Solder Dip 920106402 0.70 HCC4077B Rad-hard quad exclusive NOR gate HCC4077BDG 920105503 ESCC Flight DIL14 FP Gold 920105503 2.20 HCC4077BDT 920105504 ESCC Flight DIL14 FP Solder Dip 920105504 2.20 HCC4077BK1 - Engineering Model FLAT14 ESA EM Gold HCC4077BK1 0.70 HCC4077BKG 920105501 ESCC Flight FLAT14 ESA FP Gold 920105501 0.70 HCC4077BKT 920105502 ESCC Flight FLAT14 ESA FP Solder Dip 920105502 0.70 HCC4081B Rad-hard quad 2- input AND gate HCC4081BDG 920105203 ESCC Flight DIL14 FP Gold 920105203 2.20 HCC4081BDT 920105204 ESCC Flight DIL14 FP Solder Dip 920105204 2.20 HCC4081BK1 - Engineering Model FLAT14 ESA EM Gold HCC4081BK1 0.70 HCC4081BKG 920105201 ESCC Flight FLAT14 ESA FP Gold 920105201 0.70 HCC4081BKT 920105202 ESCC Flight FLAT14 ESA FP Solder Dip 920105202 0.70 HCC4093B Rad-hard quad 2- input NAND Schmitt trigger HCC4093BDG 940900203 ESCC Flight DIL14 FP Gold 940900203 2.20 HCC4093BDT 940900204 ESCC Flight DIL14 FP Solder Dip 940900204 2.20 HCC4093BK1 - Engineering Model FLAT14 ESA EM Gold HCC4093BK1 0.70 HCC4093BKG 940900201 ESCC Flight FLAT14 ESA FP Gold 940900201 0.70 HCC4093BKT 940900202 ESCC Flight FLAT14 ESA FP Solder Dip 940900202 0.70 HCC4094B Rad-hard 8-stage shift-and-store bus register HCC4094BDG 930602608 ESCC Flight DIL16 FP Gold 930602608 2.20 HCC4094BDT 930602609 ESCC Flight DIL16 FP Solder Dip 930602609 2.20 HCC40xxx, HCC45xxx Ordering information DS6709 - Rev 8 page 10/16 |