Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCC40109BKT Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce HCC40109BKT
Description  Rad-hard, high voltage, CMOS logic series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC40109BKT Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button HCC40109BKT Datasheet HTML 8Page - STMicroelectronics HCC40109BKT Datasheet HTML 9Page - STMicroelectronics HCC40109BKT Datasheet HTML 10Page - STMicroelectronics HCC40109BKT Datasheet HTML 11Page - STMicroelectronics HCC40109BKT Datasheet HTML 12Page - STMicroelectronics HCC40109BKT Datasheet HTML 13Page - STMicroelectronics HCC40109BKT Datasheet HTML 14Page - STMicroelectronics HCC40109BKT Datasheet HTML 15Page - STMicroelectronics HCC40109BKT Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Revision history
Table 6. Document revision history
Date
Version
Changes
24-Mar-2010
1
Initial release.
29-Mar-2010
2
Updated cover page description
10-Aug-2011
3
Added note 1. on page 12, note 1. on page 13, note 1. on page 14, note 1. on
page 15, note 1. on page 16, note 1. on page 17 and in the “Pin connections”
diagram on the cover page.
26-Apr-2013
4
Small text change to Description.
Table 1: Device summary: removed part numbers HCC4016B, HCC4035B,
HCC4099B, HCC4502B, and HCC4508B; updated ESCC specification for
HCC4098B (9206/003 instead of 9206/002).
Added “inches” dimensions to Table 4, Table 5, Table 6, Table 7, Table 8, and
Table 9.
Updated Table 11: Documentation provided for ESCC flight.
Added Section 6: Other information.
01-Apr-2014
5
Table 10: Ordering information: all order codes changed to new ST ordering
code scheme, updated footnote 1.
15-Feb-2016
6
Features: updated SEL and SEU immunity; added SET immunity
Table 1: Device summary: added “SEE class” and footnote 1
Added Section 4: Radiations
Section 5: Package information: updated terminology
Table 13: Ordering information: removed “ESCC” from column “Radiation
level”, added footnote 2.
28-Jul-2017
7
Updated Section 4.1: Total ionizing dose (TID)
05-Nov-2020
8
Updated cover page.
Removed maximum ratings and package information sections.
Updated Order codes and Section 4 Other information.
HCC40xxx, HCC45xxx
DS6709 - Rev 8
page 14/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16