Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVSPIN32G4 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce EVSPIN32G4
Description  STSPIN32G4 demonstration board for three-phase brushless motors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVSPIN32G4 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button EVSPIN32G4 Datasheet HTML 9Page - STMicroelectronics EVSPIN32G4 Datasheet HTML 10Page - STMicroelectronics EVSPIN32G4 Datasheet HTML 11Page - STMicroelectronics EVSPIN32G4 Datasheet HTML 12Page - STMicroelectronics EVSPIN32G4 Datasheet HTML 13Page - STMicroelectronics EVSPIN32G4 Datasheet HTML 14Page - STMicroelectronics EVSPIN32G4 Datasheet HTML 15Page - STMicroelectronics EVSPIN32G4 Datasheet HTML 16Page - STMicroelectronics EVSPIN32G4 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
2
Waste and recycling
The evaluation board is not to be disposed of as urban waste. At the end of its life cycle, differentiated
waste collection must be followed. Consult the local authorities for more information on the proper disposal
channels and recycling centers. It is mandatory to collect separately the evaluation board and make sure it is
delivered to the appropriate waste management and recycling centers. As of 15 August 2018, in all countries
belonging to the European Union, the evaluation board is subject to the requirements of WEEE Directive
2012/19/EU, and therefore it is forbidden to dispose of the evaluation board as undifferentiated waste or with
other domestic waste. Incorrect disposal of the evaluation board may cause damage to the environment and may
incur fines based on specific countries’ rules, regulations, and laws.
EVSPIN32G4, EVSPIN32G4NH
Waste and recycling
DB4420 - Rev 1
page 13/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18