| Moteur de recherche de fiches techniques de composants électroniques |
|
AMCC0200 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AMCC0200 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 4 page ![]() ◎ ® is a registered mark of Metglas, Inc. ◎FINEMET® is a registered mark of Hitachi Metals, Ltd. Power Electronics Components [Catalog] Apr. 16 AMCCシリーズおよびF3CCシリーズカットコアは、高周波パワートランスや 高周波チョークコイルの小型化、高効率化に貢献します。 AMCC series and F3CC series cut cores are suitable for power transformer or inductor (choke coil) especially used in high-frequency range. It contributes to downsize, improve efficiency for the transformer and inductor. ® AMCC Series Cut Core FINEMET ® F3CC Series Cut Core |
Numéro de pièce similaire - AMCC0200 |
|
Description similaire - AMCC0200 |