Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS7688-01-201 Fiches technique(PDF) 17 Page - Hosiden Corporation

No de pièce TCS7688-01-201
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOSIDEN [Hosiden Corporation]
Site Internet  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCS7688-01-201 Fiches technique(HTML) 17 Page - Hosiden Corporation

Back Button TCS7688-01-201 Datasheet HTML 13Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 14Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 15Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 16Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 17Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 18Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 19Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 20Page - Hosiden Corporation TCS7688-01-201 Datasheet HTML 21Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
16
Unit:mm
h=6.5mm
Horizontal Sockets
TCS7959 Series
TCS7959-14-201
14
∅2.2
7
23.5
8
1.5
Arrangement
4
3
2
1
With Switch(2P-2T)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40