| Moteur de recherche de fiches techniques de composants électroniques |
|
FT600EMT Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FT600EMT Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
|
1 / 1 page ![]() www.thorlabs.com CHAPTERS Fiber Patch Cables Bare Fiber Fiber Optomechanics Fiber Components Test and Measurement SECTIONS SM Fiber PM Fiber Doped Fiber PCF MM Fiber Plastic Optical Fiber Fiber 1061 t t t t 0.39 NA Step-Index MM Fibers, TECS™ Clad Tefzel Coating Silica Core TECS Hard Cladding *Call for Quantities Over 250 m **Prices are given per meter $** $** $** £** £** £** E ** E ** E ** RMB** RMB** RMB** ITEM #* 1-9 m 10-49 m 50-249 m 1-9 m 10-49 m 50-249 m 1-9 m 10-49 m 50-249 m 1-9 m 10-49 m 50-249 m FT200EMT $ 1.50 $ 1.28 $ 1.05 £ 1.08 £ 0.92 £ 0.76 E 1,31 E 1,11 E 0,92 ¥ 11.96 ¥ 10.17 ¥ 8.37 FT300EMT $ 2.30 $ 1.96 $ 1.61 £ 1.66 £ 1.41 £ 1.16 E 2,01 E 1,71 E 1,41 ¥ 18.34 ¥ 15.59 ¥ 12.84 FT400EMT $ 3.80 $ 3.23 $ 2.66 £ 2.74 £ 2.33 £ 1.92 E 3,31 E 2,82 E 2,32 ¥ 30.29 ¥ 25.75 ¥ 21.21 FT600EMT $ 7.90 $ 6.72 $ 5.53 £ 5.69 £ 4.84 £ 3.99 E 6,88 E 5,85 E 4,82 ¥ 62.97 ¥ 53.52 ¥ 44.08 FT800EMT $ 14.90 $ 12.67 $ 10.43 £ 10.73 £ 9.12 £ 7.51 E 12,97 E 11,02 E 9,08 ¥ 118.76 ¥ 100.95 ¥ 83.13 FT1000EMT $ 25.20 $ 21.42 $ 17.64 £ 18.15 £ 15.43 £ 12.71 E 21,93 E 18,64 E 15,35 ¥ 200.85 ¥ 170.72 ¥ 140.60 FT1500EMT $100.80 $ 85.68 $ 70.56 £ 72.58 £ 61.69 £ 50.81 E 87,70 E 74,55 E 61,39 ¥ 803.38 ¥ 682.87 ¥ 562.37 $** $** $** £** £** £** E ** E ** E ** RMB** RMB** RMB** ITEM #* 1-9 m 10-49 m 50-249 m 1-9 m 10-49 m 50-249 m 1-9 m 10-49 m 50-249 m 1-9 m 10-49 m 50-249 m FT200UMT $ 1.40 $ 1.19 $ 0.98 £ 1.01 £ 0.86 £ 0.71 E 1,22 E 1,04 E 0,86 ¥ 11.16 ¥ 9.49 ¥ 7.82 FT300UMT $ 2.30 $ 1.96 $ 1.61 £ 1.66 £ 1.41 £ 1.16 E 2,01 E 1,71 E 1,41 ¥ 18.34 ¥ 15.59 ¥ 12.84 FT400UMT $ 3.40 $ 2.89 $ 2.38 £ 2.45 £ 2.09 £ 1.72 E 2,96 E 2,52 E 2,08 ¥ 27.10 ¥ 23.04 ¥ 18.97 FT600UMT $ 7.10 $ 6.04 $ 4.97 £ 5.12 £ 4.35 £ 3.58 E 6,18 E 5,26 E 4,33 ¥ 56.59 ¥ 48.10 ¥ 39.62 FT800UMT $ 12.60 $ 10.71 $ 8.82 £ 9.08 £ 7.72 £ 6.36 E 10,97 E 9,32 E 7,68 ¥ 100.43 ¥ 85.36 ¥ 70.30 FT1000UMT $ 21.50 $ 18.28 $ 15.05 £ 15.48 £ 13.16 £ 10.84 E 18,71 E 15,90 E 13,10 ¥ 171.36 ¥ 145.66 ¥ 119.95 FT1500UMT $ 77.00 $ 65.45 $ 53.90 £ 55.44 £ 47.13 £ 38.81 E 66,99 E 56,95 E 46,90 ¥ 613.69 ¥ 521.64 ¥ 429.59 *Call for Quantities Over 250 m **Prices are given per meter Features n Hard Cladding Increases Fiber Strength, Reduces Static Fatigue in Humid Environments, and Protects the Fiber During Buffer Stripping to Prevent Fiber Breakage n High Core-to-Clad Bonding Prevents Pistoning and Provides More Stable Crimp-and-Cleave or Epoxy Terminations n Shipped from Stock, No Minimum n TECS Cladding is Removable with Acetone FT300EMT TEQS FIBER FTXXXMT Tefzel Buffer Refractive Index Profile @633 nm 1.457 1.404 1.403 TEQSClad Silica Core 90.0 1000 100 10 1 95.0 97.0 99.0 99.8 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 Wavelength (nm) FT300UMT 90.0 1000 100 10 1 95.0 97.0 99.0 99.8 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 Wavelength (nm) TECS™ Clad High OH FT300EMT 90.0 1000 100 10 1 95.0 97.0 99.0 99.8 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 Wavelength (nm) 90.0 1000 100 10 1 95.0 97.0 99.0 99.8 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 Wavelength (nm) FT300UMT TECS™ Clad Low OH UV-to-Visible Transmission (High OH) ITEM # CORE DIAMETER CLADDING DIAMETER COATING DIAMETER NA MAXIMUM POWER CAPABILITY MAXIMUM ATTEN. @850 nm MAX CORE OFFSET BEND RADIUS SHORT-TERM/ LONG-TERM STRIPPING TOOL See Page XXX PULSED CW FT200UMT 200 ± 5 µm 225 ± 5 µm 500 ± 30 µm 0.39 ± 0.02 1.0 MW 0.2 kW 12 dB/km 5 µm 9 mm / 18 mm T12S21 FT300UMT 300 ± 6 µm 325 ± 10 µm 650 ± 30 µm 0.39 ± 0.02 2.3 MW 0.5 kW 12 dB/km 5 µm 11 mm / 22 mm T16S31 FT400UMT 400 ± 8 µm 425 ± 10 µm 730 ± 30 µm 0.39 ± 0.02 4.0 MW 0.8 kW 12 dB/km 7 µm 20 mm / 40 mm T21S31 FT600UMT 600 ± 10 µm 630 ± 10 µm 1040 ± 30 µm 0.39 ± 0.02 9.0 MW 1.8 kW 12 dB/km 9 µm 30 mm / 60 mm T28S46 FT800UMT 800 ± 10 µm 830 ± 10 µm 1040 ± 30 µm 0.39 ± 0.02 16 MW 3.2 kW 12 dB/km 9 µm 40 mm / 80 mm M37S46 FT1000UMT 1000 ± 15 µm 1035 ± 15 µm 1400 ± 50 µm 0.39 ± 0.02 25.1 MW 5.0 kW 12 dB/km 10 µm 50 mm / 100 mm M44S63 FT1500UMT 1500 ± 30 µm 1550 ± 31 µm 2000 ± 100 µm 0.39 ± 0.02 56.6 MW 11.3 kW 18 dB/km 15 µm 75 mm / 150 mm M63S86 Visible-to-NIR Transmission (Low OH) ITEM # CORE DIAMETER CLADDING DIAMETER COATING DIAMETER NA MAXIMUM POWER CAPABILITY MAXIMUM ATTEN. @850 nm MAX CORE OFFSET BEND RADIUS SHORT-TERM/ LONG-TERM STRIPPING TOOL See Page XXX PULSED CW FT200EMT 200 ± 5 µm 225 ± 5 µm 500 ± 30 µm 0.39 ± 0.02 1.0 MW 0.2 kW 10 dB/km 5 µm 9 mm / 18 mm T12S21 FT300EMT 300 ± 6 µm 325 ± 10 µm 650 ± 30 µm 0.39 ± 0.02 2.3 MW 0.5 kW 10 dB/km 5 µm 11 mm / 22 mm T16S31 FT400EMT 400 ± 8 µm 425 ± 10 µm 730 ± 30 µm 0.39 ± 0.02 4.0 MW 0.8 kW 10 dB/km 7 µm 20 mm / 40 mm T21S31 FT600EMT 600 ± 10 µm 630 ± 10 µm 1040 ± 30 µm 0.39 ± 0.02 9.0 MW 1.8 kW 10 dB/km 9 µm 30 mm / 60 mm T28S46 FT800EMT 800 ± 10 µm 830 ± 10 µm 1040 ± 30 µm 0.39 ± 0.02 16 MW 3.2 kW 10 dB/km 9 µm 40 mm / 80 mm M37S46 FT1000EMT 1000 ±15 µm 1035 ± 15 µm 1400 ± 50 µm 0.39 ± 0.02 25.1 MW 5.0 kW 10 dB/km 10 µm 50 mm / 100 mm M44S63 FT1500EMT 1500 ± 30 µm 1550 ± 31 µm 2000 ± 100 µm 0.39 ± 0.02 56.6 MW 11.3 kW 18 dB/km 15 µm 75 mm / 150 mm M63S86 Popular Compatible Connectors (See Pages XXX - XXX) FIBER SMA FC/PC FT200 10230A 30126G2-230 FT300 10340A 30126G2-340 FT400 10440A 30126G2-440 FT600 10640A 30126G2-640 FT800 10850A 30126G2-850 FT1000 11050A 30126G2-1050 FT1500 11580A 30126G2-1580 |
Numéro de pièce similaire - FT600EMT |
|
Description similaire - FT600EMT |