Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCP8550 Fiches technique(PDF) 13 Page - Hosiden Corporation

No de pièce TCP8550
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOSIDEN [Hosiden Corporation]
Site Internet  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCP8550 Fiches technique(HTML) 13 Page - Hosiden Corporation

Back Button TCP8550 Datasheet HTML 9Page - Hosiden Corporation TCP8550 Datasheet HTML 10Page - Hosiden Corporation TCP8550 Datasheet HTML 11Page - Hosiden Corporation TCP8550 Datasheet HTML 12Page - Hosiden Corporation TCP8550 Datasheet HTML 13Page - Hosiden Corporation TCP8550 Datasheet HTML 14Page - Hosiden Corporation TCP8550 Datasheet HTML 15Page - Hosiden Corporation TCP8550 Datasheet HTML 16Page - Hosiden Corporation TCP8550 Datasheet HTML 17Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
12
Unit:mm
TCS75□8/7930 Series
h=6.5mm
Horizontal Sockets
TCS7930-18-401
14
12.5
Type A
Type B
Model No. Table
Contact Arrangement
3
4
5a
6
7
8a
8b
Terminal
Type
B
TCS75□8Series TCS7538-01-201 TCS7548-01-201 TCS7558-01-201 TCS7568-01-201 TCS7578-01-201 TCS7588-01-201 TCS7598-01-201
Type
A
TCS7930Series TCS7930-13-401 TCS7930-14-401 TCS7930-15-401 TCS7930-16-401 TCS7930-17-401 TCS7930-18-401 TCS7930-19-401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40