Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST4SIM-200M Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce ST4SIM-200M
Description  eSIM GSMA system-on-chip solution for secure M2M industrial applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4SIM-200M Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button ST4SIM-200M Datasheet HTML 3Page - STMicroelectronics ST4SIM-200M Datasheet HTML 4Page - STMicroelectronics ST4SIM-200M Datasheet HTML 5Page - STMicroelectronics ST4SIM-200M Datasheet HTML 6Page - STMicroelectronics ST4SIM-200M Datasheet HTML 7Page - STMicroelectronics ST4SIM-200M Datasheet HTML 8Page - STMicroelectronics ST4SIM-200M Datasheet HTML 9Page - STMicroelectronics ST4SIM-200M Datasheet HTML 10Page - STMicroelectronics ST4SIM-200M Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
4
Additional embedded secure element (eSE)
The ST4SIM-200M is able to combine the eSIM solution with an embedded secure element (eSE) section inside
the same chip.
This eSE section is used to provide secure storage, cryptographic services, and so on via Java® Card applets.
Figure 5. ST4SIM-200M architecture eSIM & eSE overview
MCU / ...
ISO/IEC 7816
Modem
ST4SIM
eSIM
eSE
SPI
The eSE section is accessible through a dedicated serial peripheral interface (SPI) protocol and the eSIM uses
the ISO/IEC 7816 protocol in parallel. Consequently, the eSE is only available on WLCSP packages including ISO
and SPI protocols.
The embedded secure element is optional and configurable.
Contact the local STMicroelectronics sales office for more details on the pin configuration.
ST4SIM-200M
Additional embedded secure element (eSE)
DB4082 - Rev 5
page 7/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26