| Moteur de recherche de fiches techniques de composants électroniques |
|
KPT Fiches technique(PDF) 2 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
KPT Fiches technique(HTML) 2 Page - ITT Industries |
|
2 / 31 page ![]() KPT/KPSE Miniature circular connectors 2 Subject to changes Contents Introduction............................................................. 2 Standard Data........................................................ 3 Series KPT............................................................. 4 Series KPSE........................................................... 6 Contact arrangements............................................ 9 Wall mounting receptacles....................................13 Cable connecting plugs...........................................14 Box mounting receptacles......................................15 Thru-bulkhead receptacles....................................15 Straight plugs.......................................................16 Jam nut receptacles.............................................17 Right angle plugs.................................................18 Special versions Connectors with grounding continuity.................19 Receptacles with straight solder pins................. 22 Panel cutouts........................................................ 24 Dummy receptacle.............................................. 25 Protective caps..................................................... 26 Tools ..................................................................... 27 Assembly instructions ........................................ 28 Cross reference lists ........................................... 29 Product safety information................................... 31 Introduction The miniature circular connectors series KPT and KPSE from ITT Cannon are manufactured acc. to MIL-C-26482 with three point bayonet coupling and five-keyway polarization.They offer general purpose solder connectors and high performance crimp connectors. The broad product range provides the most complete familiy of connectors conform to MIL- C-26482, NFC 93422 HE 301 model, VG 95328 and LN 29500 specifications. The versatility of these connectors has been proven by their usage in general as well as in high per- formance environmental applications. In addition to the basic series presented in this catalogue, connectors for special applications are available. They include corrosion resistant types, filter connectors for electromagnetic compatability and non-outgasing, radiation resistant versions. All connectors conform to the above mentioned specifications are fully intermateable and accept a wide range of interchangeable accessories. Thereby design modifications can be achieved more easily and at lower cost with connectors of the KPT/KPSE series. |