Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESP32S3 Fiches technique(PDF) 4 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

No de pièce ESP32S3
Description  ESP32-S3-DevKitC-1
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Site Internet  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32S3 Fiches technique(HTML) 4 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

  ESP32S3 Datasheet HTML 1Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32S3 Datasheet HTML 2Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32S3 Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32S3 Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32S3 Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32S3 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32S3 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Wholesale Orders
If you order in bulk, the boards come in large cardboard boxes.
For wholesale orders, please go to https://www.espressif.com/en/contact-us/sales-questions.
Hardware Reference
Block Diagram
The block diagram below shows the components of ESP32-S3-DevKitC-1 and their interconnections.
ESP32-S3-DevKitC-1 (click to enlarge)
Power Supply Options
There are three mutually exclusive ways to provide power to the board:
USB-to-UART Port, default power supply (recommended)
5 V and GND pins
3V3 and GND pins
Header Block
The two tables below provide the Name and Function of the pins on both sides of the board (J1 and J3).
The pin names are shown in ESP32-S3-DevKitC-1 - front. The numbering is the same as in the Board
Schematic (PDF).
J1
No.
Name
Type
Function
1



Html Pages

1 2 3 4 5 6 7