| Moteur de recherche de fiches techniques de composants électroniques |
|
74FST3125DTR2 Fiches technique(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
74FST3125DTR2 Fiches technique(HTML) 2 Page - ON Semiconductor |
|
2 / 8 page ![]() 74FST3125 http://onsemi.com 2 2 1 5 4 9 10 12 13 3 6 8 11 1B 2B 3B 4B 1A 2A 3A 4A OE1 OE2 OE3 OE4 Figure 3. Logic Diagram TRUTH TABLE Inputs Outputs OE A, B L A = B H Z ORDERING INFORMATION Device Order N mber Package Shipping† Device Order Number Package Shipping† 74FST3125D SOIC−14 55 Units / Rail 74FST3125DR2 SOIC−14 2500 Units / Tape & Reel 74FST3125DT TSSOP* (Pb−Free) 96 Units / Rail 74FST3125DTR2 TSSOP* (Pb−Free) 2500 Units / Tape & Reel 74FST3125QS QSOP−16 96 Units / Rail 74FST3125QSR QSOP−16 2500 Units / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb−Free. |