| Moteur de recherche de fiches techniques de composants électroniques |
|
SDA04H0K Fiches technique(PDF) 2 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
SDA04H0K Fiches technique(HTML) 2 Page - ITT Industries |
|
2 / 3 page ![]() Dimensions are shown: Inch (mm ) Specifications and dimensions subject to change www.ittcannon.com I-7 I PEELABLE TAPE SEAL .189 (4,80) .100 (2,54) .010 (0,25) .024 (0,61) .063 (1,60) .320 (8,13) .295 (7,49) 12 3456 78 DIM 'A' .051 (1,30) .100 TYP. (2,54) .300 TYP. (7,6) Ø.031 TYP. (0,8) .106 (2,70) Flush Actuator – With Top Tape, Thru-hole Terminals 12 3456 78 PEELABLE TAPE SEAL DIM 'A' .100 (2,54) .031 (0,79) .024 (0,61) .240 TYP. (6,10) .059 MIN. (1,50) .051 (1,30) .366 (9,30) .295 (7,49) .100 (2,54) TYP. .175 (4,45) .409 MIN. (10,4) Flush Actuator – With Top Tape, Surface Mount Terminals 12 3456 78 DIM 'A' .100 (2,54) .031 (0,79) .024 (0,61) .240 TYP. (6,10) .059 MIN. (1,50) .051 (1,30) .366 (9,30) .295 (7,49) .100 (2,54) TYP. .409 MIN. (10,4) .175 (4,45) Flush Actuator – No Tape, Surface Mount Terminals C&K SDA Series Low Profile DIP Switches SDA08H0K SDA08H0SK SDA08H0SKD ROHS TIN LEAD NO. QUANTITY PART NUMBER PART NUMBER POS. DIM. ‘A’ PER TUBE SDA01H0B SDA01H0K 1 .178 (4,52) 100 SDA02H0B SDA02H0K 2 .278 (7,06) 60 SDA03H0B SDA03H0K 3 .378 (9,60) 45 SDA04H0B SDA04H0K 4 .476 (12,10) 35 SDA05H0B SDA05H0K 5 .578 (14,68) 30 SDA06H0B SDA06H0K 6 .676 (17,18) 25 SDA07H0B SDA07H0K 7 .778 (19,76) 20 SDA08H0B SDA08H0K 8 .876 (22,26) 20 SDA09H0B SDA09H0K 9 .978 (24,84) 15 SDA10H0B SDA010H0K 10 1.076 (27,34) 15 SDA12H0B SDA012H0K 12 1.279 (32,50) 14 Schematic SPST ROHS TIN LEAD NO. QUANTITY PART NUMBER PART NUMBER POS. DIM. ‘A’ PER TUBE SDA01H0SB SDA01H0SK 1 .178 (4,52) 100 SDA02H0SB SDA02H0SK 2 .278 (7,06) 60 SDA03H0SB SDA03H0SK 3 .378 (9,60) 45 SDA04H0SB SDA04H0SK 4 .476 (12,10) 35 SDA05H0SB SDA05H0SK 5 .578 (14,68) 30 SDA06H0SB SDA06H0SK 6 .676 (17,18) 25 SDA07H0SB SDA07H0SK 7 .778 (19,76) 20 SDA08H0SB SDA08H0SK 8 .876 (22,26) 20 SDA09H0SB SDA09H0SK 9 .978 (24,84) 15 SDA10H0SB SDA010H0SK 10 1.076 (27,34) 15 SDA12H0SB SDA012H0SK 12 1.279 (32,50) 14 Schematic SPST ROHS TIN LEAD NO. QUANTITY PART NUMBER PART NUMBER POS. DIM. ‘A’ PER TUBE SDA01H0SBD SDA01H0SKD 1 .178 (4,52) 100 SDA02H0SBD SDA02H0SKD 2 .278 (7,06) 60 SDA03H0SBD SDA03H0SKD 3 .378 (9,60) 45 SDA04H0SBD SDA04H0SKD 4 .476 (12,10) 35 SDA05H0SBD SDA05H0SKD 5 .578 (14,68) 30 SDA06H0SBD SDA06H0SKD 6 .676 (17,18) 25 SDA07H0SBD SDA07H0SKD 7 .778 (19,76) 20 SDA08H0SBD SDA08H0SKD 8 .876 (22,26) 20 SDA09H0SBD SDA09H0SKD 9 .978 (24,84) 15 SDA10H0SBD SDA010H0SKD 10 1.076 (27,34) 15 SDA12H0SBD SDA012H0SKD 12 1.279 (32,50) 14 Schematic SPST |