Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP16CPS05TTR Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STP16CPS05TTR
Description  Low voltage 16-Bit constant current LED sink driver with auto power saving
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPS05TTR Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STP16CPS05TTR Datasheet HTML 17Page - STMicroelectronics STP16CPS05TTR Datasheet HTML 18Page - STMicroelectronics STP16CPS05TTR Datasheet HTML 19Page - STMicroelectronics STP16CPS05TTR Datasheet HTML 20Page - STMicroelectronics STP16CPS05TTR Datasheet HTML 21Page - STMicroelectronics STP16CPS05TTR Datasheet HTML 22Page - STMicroelectronics STP16CPS05TTR Datasheet HTML 23Page - STMicroelectronics STP16CPS05TTR Datasheet HTML 24Page - STMicroelectronics STP16CPS05TTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
STP16CPS05
Package mechanical data
21/26
Table 13.
Tape & Reel TSSOP24
Dim.
mm.
inch
Min.
Typ
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.8
7
0.268
0.276
Bo
8.2
8.4
0.323
0.331
Ko
1.7
1.9
0.067
0.075
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Figure 23. Reel dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26