Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP16CPS05 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STP16CPS05
Description  Low voltage 16-Bit constant current LED sink driver with auto power saving
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPS05 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STP16CPS05 Datasheet HTML 18Page - STMicroelectronics STP16CPS05 Datasheet HTML 19Page - STMicroelectronics STP16CPS05 Datasheet HTML 20Page - STMicroelectronics STP16CPS05 Datasheet HTML 21Page - STMicroelectronics STP16CPS05 Datasheet HTML 22Page - STMicroelectronics STP16CPS05 Datasheet HTML 23Page - STMicroelectronics STP16CPS05 Datasheet HTML 24Page - STMicroelectronics STP16CPS05 Datasheet HTML 25Page - STMicroelectronics STP16CPS05 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Package mechanical data
STP16CPS05
24/26
Table 16.
TSSOP24 exposed-pad
Dim.
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.2
0.047
A1
0.15
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0089
D
7.7
7.8
7.9
0.303
0.307
0.311
D1
2.7
0.106
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.5
0.169
0.173
0.177
E2
1.5
0.059
e
0.65
0.0256
K
L
0.45
0.60
0.75
0.018
0.024
0.030
Figure 26. TSSOP24 Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26