| Moteur de recherche de fiches techniques de composants électroniques |
|
PBLS4005D Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PBLS4005D Fiches technique(HTML) 4 Page - NXP Semiconductors |
|
4 / 12 page ![]() 4 These Breakthrough In Small-Signal (BISS) transistors offer best-in-class efficiency, therefore getting the heat out of your applications.These cost-effective alternatives to medium-power transistors deliver 1 – 5 A capability in SOT223 (SC-73), SOT89 (SC-62), SOT23 or SOT457 (SC-74). SOT223 (SC-73) SOT89 (SC-62) SOT23 SOT457 (SC-74) P tot 2000 mW P tot 1300 mW P tot 480 mW P tot 750 mW I C (A) V CEO (V) NPN PNP NPN PNP NPN PNP NPN PNP 1.0 30 PBSS4130T PBSS5130T 40 PBSS4140T PBSS5140T PBSS4140DPN (NPN/PNP) 60 PBSS4160T PBSS5160T 100 PBSS8110Z PBSS9110Z PBSS8110T PBSS9110T PBSS8110D PBSS9110D 2.0 30 PBSS4230T PBSS5230T 40 PBSS4240T PBSS5240T PBSS4240DPN (NPN/PNP) 50 PBSS4250X PBSS5250X PBSS4350T PBSS5350T 3.0 20 PBSS4320X PBSS5320X 30 PBSS4330X PBSS5330X 50 PBSS4350Z PBSS5350Z PBSS4350X PBSS5350X PBSS4350D PBSS5350D 60 PBSS303ND PBSS303PD 80 PBSS304ND PBSS304PD 100 PBSS305ND PBSS305PD 4.0 40 PBSS4540Z PBSS5540Z PBSS4540X PBSS5540X PBSS4440D PBSS5440D 80 PBSS4480X PBSS5480X 5.0 20 PBSS4520X PBSS5520X Low V CEsat (BISS) transistors Key features - Reduced thermal and electrical resistance - Up to 5 A collector current capability I C - Up to 10 A peak collector current I CM - High performance to boardspace ratio - High current gain h FE - even at high IC - Extensive range of products available Key benefits - Less heat generation and therefore use at high ambient temperatures possible - Cost effective replacement of medium power transistors - Increased performance from small-signal discrete footprints Key applications - Applications where heat is a concern (e.g. engine- or dashboard mounted components) - High and low side switches, e.g. in control units - Drivers in low supply voltage applications, e.g. fans, motors - Inductive load drivers, e.g. relays, buzzers - MOSFET drivers BCP51,T j = 130°C PBSS9110Z,T j = 103°C PBSS5350Z,T j= 60°C PBSS5540Z,T j = 45°C Less heat generation with BISS transistors SOT223: I C = 1.55 A; IB = 0.1 A; PCB FR4 + 1 cm 2 Cu MSD923 CONTROLLER VCC DC/DC converter |