Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER12AS-E Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce VIPER12AS-E
Description  Low Power OFF-Line SMPS Primary Switcher
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER12AS-E Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button VIPER12AS-E Datasheet HTML 12Page - STMicroelectronics VIPER12AS-E Datasheet HTML 13Page - STMicroelectronics VIPER12AS-E Datasheet HTML 14Page - STMicroelectronics VIPER12AS-E Datasheet HTML 15Page - STMicroelectronics VIPER12AS-E Datasheet HTML 16Page - STMicroelectronics VIPER12AS-E Datasheet HTML 17Page - STMicroelectronics VIPER12AS-E Datasheet HTML 18Page - STMicroelectronics VIPER12AS-E Datasheet HTML 19Page - STMicroelectronics VIPER12AS-E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Mechanical Data
VIPer12ADIP/ AS - E
16/21
DocRev1
10
Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21