Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PDTC124EU Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce PDTC124EU
Description  Low VCEsat (BISS) transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC124EU Fiches technique(HTML) 3 Page - NXP Semiconductors

  PDTC124EU Datasheet HTML 1Page - NXP Semiconductors PDTC124EU Datasheet HTML 2Page - NXP Semiconductors PDTC124EU Datasheet HTML 3Page - NXP Semiconductors PDTC124EU Datasheet HTML 4Page - NXP Semiconductors PDTC124EU Datasheet HTML 5Page - NXP Semiconductors PDTC124EU Datasheet HTML 6Page - NXP Semiconductors PDTC124EU Datasheet HTML 7Page - NXP Semiconductors PDTC124EU Datasheet HTML 8Page - NXP Semiconductors PDTC124EU Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
As automotive manufacturers strive to enhance safety, performance, comfort and
fuel-efficiency levels, the semiconductor content of vehicles is rising and electronic
systems are becoming more complex. Consequently, system suppliers must meet
increasingly severe requirements. Building on our expertise in both automotive
and small-signal discretes solutions, Philips offers an extensive portfolio of discrete
components that help suppliers meet the rigorous and diverse technical demands
on automotive electronics.The wide portfolio enables automotive designers to be
flexible in their designs. By means of integrated products the component count is
decreased and thus costs can be reduced.
Key families
- Low V
CEsat (BISS) transistors
- Resistor-equipped transistors (RETs)
- Complex discretes
• BISS Loadswitches
• Matched pair transistors
• MOSFET drivers
- Low V
F (MEGA) Schottky rectifiers
- ESD protection diodes
Key benefits
- More power
- Lower costs
- More functionality
- Improved reliability
- Automotive packages
Automotive small-signal discretes solutions
All our new products are released in the well-known SOT23 package,
as well as in smaller packages like SOT323 (SC-70), SOD323 (SC-76)
and SOD323F (SC-90).To support the trend towards integration also
multiple transistors and diodes are available integrated into just a
single package like SOT457 (SC-74) and SOT363 (SC-88).
Philips has all the technologies in place to lead the way in small-signal
discretes products, allowing to develop automotive applications that
will drive the future.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12