Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR750FV2T6 Fiches technique(PDF) 58 Page - STMicroelectronics

No de pièce STR750FV2T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750FV2T6 Fiches technique(HTML) 58 Page - STMicroelectronics

Back Button STR750FV2T6 Datasheet HTML 54Page - STMicroelectronics STR750FV2T6 Datasheet HTML 55Page - STMicroelectronics STR750FV2T6 Datasheet HTML 56Page - STMicroelectronics STR750FV2T6 Datasheet HTML 57Page - STMicroelectronics STR750FV2T6 Datasheet HTML 58Page - STMicroelectronics STR750FV2T6 Datasheet HTML 59Page - STMicroelectronics STR750FV2T6 Datasheet HTML 60Page - STMicroelectronics STR750FV2T6 Datasheet HTML 61Page - STMicroelectronics STR750FV2T6 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 73 page
background image
Electrical parameters
STR750F
58/71
Figure 27.
Recommended NRSTIN pin protection
1.
The user must ensure that the level on the NRSTIN pin can go below the VIL(NRSTIN) max. level specified in
NRSTIN and NRSTOUT pins on page 57. Otherwise the reset will not be taken into account internally.
0.01
µF
EXTERNAL
RESET
CIRCUIT
NRSTIN
STR7X
PULSE
GENERATOR
Filter
RPU
VDD_IO
WATCHDOG RESET
INTERNAL RESET
NRSTOUT
RSM RESET
SOFTWARE RESET
VDD_IO
Filter
TO RESET
OTHER CHIPS
RPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73