| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS9248-77 Fiches technique(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS9248-77 Fiches technique(HTML) 14 Page - Renesas Technology Corp |
|
14 / 15 page ![]() 14 ICS9248-77 SSOP Package L O B M Y S S N O I S N E M I D N O M M O C S N O I T A I R A V D N . N I M. M O N. X A M. N I M. M O N. X A M A5 9 0 .1 0 1 .0 1 1 .C A0 2 6 .5 2 6 .0 3 6 .8 4 1 A8 0 0 .2 1 0 .6 1 0 . 2 A8 8 0 .0 9 0 .2 9 0 . B8 0 0 .0 1 0 .5 3 1 0 . C5 0 0 .- 0 1 0 . Ds n o i t a i r a V e e S E2 9 2 .6 9 2 .9 9 2 . eC S B 5 2 0 . 0 H0 0 4 .6 0 4 .0 1 4 . h0 1 0 .3 1 0 .6 1 0 . L4 2 0 .2 3 0 .0 4 0 . Ns n o i t a i r a V e e S µ ° 0 ° 5 ° 8 X5 8 0 .3 9 0 .0 0 1 . Ordering Information ICS9248yF-77 Pattern Number (2 or 3 digit number for parts with ROM code patterns) Package Type F=SSOP Revision Designator Device Type (consists of 3 or 4 digit numbers) Prefix ICS, AV = Standard Device Example: ICS XXXX y F - PPP |