Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS9169-01 Fiches technique(PDF) 10 Page - Renesas Technology Corp

No de pièce ICS9169-01
Description  Frequency Generator and Integrated Buffers for Intel Pentium and Pentium ProTM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9169-01 Fiches technique(HTML) 10 Page - Renesas Technology Corp

Back Button ICS9169-01 Datasheet HTML 3Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 4Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 5Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 6Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 7Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 8Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 9Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 10Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
ICS9169-01
Example:
ICS XXXX M-PPP
Package Type
F=SSOP
Device Type (consists of 3 or 4-digit numbers)
Prefix
ICS, AV=Standard Device
Pattern Number (2 or 3-digit number for parts with ROM code pattern)
Ordering Information
ICS9169F-01
SYMBOL
COMMON DIMENSIONS
NOTE
4
6
NOTE
VARIATIONS
D
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.68
0.73
0.78
AA
0.239
0.244
0.249
14
A
0.002
0.005
0.008
AB
0.239
0.244
0.249
16
A
0.066
0.068
0.070
AC
0.278
0.284
0.289
20
B
0.010
0.012
0.015
AD
0.318
0.323
0.328
24
C
0.005
0.006
0.008
AE
0.397
0.402
0.407
28
D
See Variations
4
AF
0.397
0.402
0.407
30
E
0.205
0.209
0.212
4
e
0.0256 BSC
H
0.301
0.307
0.311
L
0.022
0.030
0.037
5
N
See Variations
6
04
8
Table dimensions in inches
Package dimensions - SSOP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11