Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AV9110 Fiches technique(PDF) 10 Page - Renesas Technology Corp

No de pièce AV9110
Description  Serially Programmable Frequency Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AV9110 Fiches technique(HTML) 10 Page - Renesas Technology Corp

Back Button AV9110 Datasheet HTML 4Page - Renesas Technology Corp AV9110 Datasheet HTML 5Page - Renesas Technology Corp AV9110 Datasheet HTML 6Page - Renesas Technology Corp AV9110 Datasheet HTML 7Page - Renesas Technology Corp AV9110 Datasheet HTML 8Page - Renesas Technology Corp AV9110 Datasheet HTML 9Page - Renesas Technology Corp AV9110 Datasheet HTML 10Page - Renesas Technology Corp AV9110 Datasheet HTML 11Page - Renesas Technology Corp AV9110 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
AV9110
ICS XXXX S-PPP X#W LF
Example:
PackageType
S=SOIC
N=DIP (plastic)
Device Type (consists of 3 or 4 digit numbers)
ICS=Standard Device
Prefix
Ordering Information
AV9110-01CN14LF, AV9110-02CN14LF
AV9110-01CS14LF, AV9110-02CS14LF
Pattern Number(2 or 3 digit number for parts with ROM code patterns)
Lead Count
Lead Count=1,2 or 3 digits
14-Pin DIP Package
14-Pin 150 mil SOIC Package
Lead Free, RoHS Compliant (Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12