| Moteur de recherche de fiches techniques de composants électroniques |
|
MB00L2NCGD Fiches technique(PDF) 6 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
MB00L2NCGD Fiches technique(HTML) 6 Page - ITT Industries |
|
6 / 6 page ![]() L–17 L C&K M Series Half-inch Rotary Switches L AVAILABLE HARDWARE One each required for setting stops. Stop Ring PART NO. 638100000 INNER-W/SHORT TAB 638101000 OUTER-W/LONG TAB Washer PART NO. 586800000 RUBBER PANEL SEAL 537202000 ADHESIVE MYLAR RETAINS STOP PINS Stop pins PART NO. 537100000 NOTE: Additional nuts and lockwashers available separately, see section “Technical Data and Additional Hardware”. Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com |