| Moteur de recherche de fiches techniques de composants électroniques |
|
85356 Fiches technique(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
85356 Fiches technique(HTML) 13 Page - Renesas Technology Corp |
|
13 / 16 page ![]() 2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL/ECL CLOCK MULTIPLEXER 13 Rev C 1/5/15 85356 DATA SHEET Ordering Information Table 8. Ordering Information NOTE: Parts that are ordered with an "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant. Part/Order Number Marking Package Shipping Packaging Temperature 85356AMILF 85356AMILF “Lead-Free” 20 Lead SOIC Tube -40 C to 85C 85356AMILFT 85356AMILF “Lead-Free” 20 Lead SOIC Tape & Reel -40 C to 85C 85356AGILF ICS85356AGIL “Lead-Free” 20 Lead TSSOP Tube -40 C to 85C 85356AGILFT ICS85356AGIL “Lead-Free” 20 Lead TSSOP Tape & Reel -40 C to 85C |