Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PRLL5819 Fiches technique(PDF) 9 Page - Nexperia B.V. All rights reserved

No de pièce PRLL5819
Description  Schottky barrier diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PRLL5819 Fiches technique(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button PRLL5819 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PRLL5819 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PRLL5819 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PRLL5819 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PRLL5819 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PRLL5819 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PRLL5819 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PRLL5819 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PRLL5819 Datasheet HTML 12Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1999 Apr 22
8
NXP Semiconductors
Product data sheet
Schottky barrier diodes
PRLL5817; PRLL5818;
PRLL5819
Fig.10 PRLL5819. Maximum permissible junction
temperature as a function of reverse voltage;
device mounted; refer to SOD87 standard
mounting conditions.
020
200
0
MBE637
100
10
VR (V)
Tj
(oC)
VRWM
VR
δ = 0.2
δ = 0.5
Fig.11 PRLL5819. Reverse power dissipation as a
function of reverse voltage (max. values);
device mounted; refer to SOD87 standard
mounting conditions.
040
0.1
0
MBE639
0.05
PR
20
VR (V)
(W)
VRWM
VR
δ = 0.5
δ = 0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12