Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PRLL5818 Fiches technique(PDF) 7 Page - Nexperia B.V. All rights reserved

No de pièce PRLL5818
Description  Schottky barrier diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PRLL5818 Fiches technique(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PRLL5818 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PRLL5818 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PRLL5818 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PRLL5818 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PRLL5818 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PRLL5818 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PRLL5818 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PRLL5818 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PRLL5818 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1999 Apr 22
6
NXP Semiconductors
Product data sheet
Schottky barrier diodes
PRLL5817; PRLL5818;
PRLL5819
Fig.4
PRLL5818. Maximum values steady state forward power dissipation as a function of the average forward
current; a = IF(RMS)/IF(AV).
2
1
0
0
0.5
1.5
MBE641
1
(W)
0.5
PF(AV)
IF(AV) (A)
a = 3
2.5
1.57
1.42
1
2
Fig.5
PRLL5819. Maximum values steady state forward power dissipation as a function of the average forward
current; a = IF(RMS)/IF(AV).
2
1
0
0
0.5
1.5
MBE643
1
(W)
0.5
PF(AV)
IF(AV) (A)
a = 3
2.5
1.57
1.42
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12