Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H2011UTF2WCNQ2 Fiches technique(PDF) 5 Page - ITT Industries

No de pièce H2011UTF2WCNQ2
Description  4 & 6 Tumbler Power Switchlocks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

H2011UTF2WCNQ2 Fiches technique(HTML) 5 Page - ITT Industries

  H2011UTF2WCNQ2 Datasheet HTML 1Page - ITT Industries H2011UTF2WCNQ2 Datasheet HTML 2Page - ITT Industries H2011UTF2WCNQ2 Datasheet HTML 3Page - ITT Industries H2011UTF2WCNQ2 Datasheet HTML 4Page - ITT Industries H2011UTF2WCNQ2 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
M–43
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
M
Key Code: A126
4 TUMBLER
PART NO. (ONE KEY)
115140126
Material: Brass
Finish: Nickel plate
Key Code: AAAA
PART NO. (ONE KEY)
363C1AAAA
Material: Zinc Alloy
Finish: Chrome plate
Key Code: A126
4 TUMBLER
PART NO. (ONE KEY)
1159112602 BLACK
Material: Brass
Finish: Nickel plate
6/6 Nylon insert molded head
C&K H Series
4 & 6 Tumbler Power Switchlocks
AVAILABLE HARDWARE



Html Pages

1 2 3 4 5