| Moteur de recherche de fiches techniques de composants électroniques |
|
H2011UTF8WCDB Fiches technique(PDF) 5 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
H2011UTF8WCDB Fiches technique(HTML) 5 Page - ITT Industries |
|
5 / 5 page ![]() M–43 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com M Key Code: A126 4 TUMBLER PART NO. (ONE KEY) 115140126 Material: Brass Finish: Nickel plate Key Code: AAAA PART NO. (ONE KEY) 363C1AAAA Material: Zinc Alloy Finish: Chrome plate Key Code: A126 4 TUMBLER PART NO. (ONE KEY) 1159112602 BLACK Material: Brass Finish: Nickel plate 6/6 Nylon insert molded head C&K H Series 4 & 6 Tumbler Power Switchlocks AVAILABLE HARDWARE |