| Moteur de recherche de fiches techniques de composants électroniques |
|
H2011UTF805DB Fiches technique(PDF) 2 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
H2011UTF805DB Fiches technique(HTML) 2 Page - ITT Industries |
|
2 / 5 page ![]() M M–40 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com C&K H Series 4 & 6 Tumbler Power Switchlocks SWITCH AND LOCK FUNCTION * * * = Detent Positions (45º or 90º ) = Key pull possible in these positions. = Stop Positions LEGEND TERMINAL NUMBERS Terminal numbers molded on housing. 4 Tumbler 6 Tumbler Part number shown: H101132F205NQ Part number shown: H1011U2V205NQ Positions 1, 2 & 3 5-6 8-2 6-8 H1417U SP 4 Positions 1 & 2 8-2 8-2, 4-6 7-8 7-8, 3-4 H1011U H2011U SP DP 4 & 6 Position 1 8-2 8-2, 4-6 7-8 7-8, 3-4 H10113 H20113 SP DP 4 & 6 45º Positions 1, 2 & 3 6-7 6-7, 2-3 8-1 8-1, 4-5 7-8 7-8, 3-4 H100AA H200AA SP DP 4 INDEXING LOCK CONFIGURATION KEY PULL POSITIONS CONNECTED TERMINALS POS. 1 POS. 2 POS. 3 POS. 4 MODEL NO. NO. POLES NO. TUMBLERS 90º All models with all options when ordered with ‘G’ or ‘Q’ contact material. |