Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5259BCPZ100-R7 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD5259BCPZ100-R7
Description  Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5259BCPZ100-R7 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD5259BCPZ100-R7 Datasheet HTML 3Page - Analog Devices AD5259BCPZ100-R7 Datasheet HTML 4Page - Analog Devices AD5259BCPZ100-R7 Datasheet HTML 5Page - Analog Devices AD5259BCPZ100-R7 Datasheet HTML 6Page - Analog Devices AD5259BCPZ100-R7 Datasheet HTML 7Page - Analog Devices AD5259BCPZ100-R7 Datasheet HTML 8Page - Analog Devices AD5259BCPZ100-R7 Datasheet HTML 9Page - Analog Devices AD5259BCPZ100-R7 Datasheet HTML 10Page - Analog Devices AD5259BCPZ100-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AD5259
Preliminary Technical Data
Rev. PrJ 7/22/04 | Page 7 of 14
Read Modes
Table 11. Traditional Read back of RDAC Register value
S
Device Address*
(7-bit)
0
SA
0
0
0
0
0
0
0
0
SA
S
Device Address*
(7-bit)
1 SA D7 D6 D5 D4 D3 D2 D1 D0 NA P
Slave Address Byte
Instruction Byte
Slave Address Byte
Read Back Data
Repeat start
Table 12. Traditional Read back of stored EEPROM value
S
Device Address*
(7-bit)
0
SA
0
0
1
0
0
0
0
0
SA
S
Device Address*
(7-bit)
1 SA D7 D6 D5 D4 D3 D2 D1 D0 NA P
Slave Address Byte
Instruction Byte
Slave Address Byte
Read Back Data
Repeat start
Table 13. Traditional Read back of Tolerance
i. Consecutively
S
Device
Address*
(7-bit)
0 SA 0 0 1 1 1 1 1 0 SA S
Device
Address*
(7-bit)
1 SA D7 D6 D5 D4 D3 D2 D1
D
0 MA D7 D6 D5 D4 D3 D2 D1 D0 NA P
Slave Address
Byte
Instruction Byte
Slave Address
Byte
Sign + Integer Byte
Decimal Byte
Repeat start
ii. Individually
S
Device
Address*
(7-bit)
0 SA 0 0 1 1 1 1 1 0 SA S
Device
Address*
(7-bit)
1 SA D7 D6 D5 D4 D3 D2 D1
D
0
NA
P
Slave Address
Byte
Instruction Byte
Slave Address
Byte
Sign + Integer Byte
Repeat start
S
Device
Address*
(7-bit)
0 SA 0 0 1 1 1 1 1 1 SA S
Device
Address*
(7-bit)
1 SA D7 D6 D5 D4 D3 D2 D1
D
0
NA
P
Slave Address
Byte
Instruction Byte
Slave Address
Byte
Decimal Byte
Repeat start
Note: Read modes above are referred to as traditional because the first two bytes for all three cases are “dummy” bytes which function to
place the pointer towards the correct register. This is the reason for the Repeat Start. In theory, this step can be avoided if the user is
interested in reading a register that was previously written to. For example, if the EEPROM was just written to, then the user can skip the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14