Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BMP585 Fiches technique(PDF) 2 Page - Bosch Sensortec GmbH

No de pièce BMP585
Description  Shuttle board 3.0 flyer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOSCH [Bosch Sensortec GmbH]
Site Internet  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Fiches technique(HTML) 2 Page - Bosch Sensortec GmbH

  BMP585 Datasheet HTML 1Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 2Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 3Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Bosch Sensortec | BMP585 – Shuttle board 3.0 flyer
2 | 3
Data & Specification are preliminary and subject to change without notice | | Bosch Sensortec GmbH reserves all rights in the event of industrial property rights.
We reserve all rights of disposal such as copying and passing on to third parties. BOSCH and the symbols are registered trademarks of Robert Bosch GmbH, Germany.
Doc.-Number: BST-BMP585-SF000-00 / Version_1.0_082022
1 General description
The Bosch Sensortec BMP585 shuttle board 3.0 is a PCB
with the pressure and temperature sensor BMP585
mounted on it. In combination with the application board
3.0, the shuttle board can be used to evaluate various
functionalities provided on BMP585. The shuttle board
allows easy access to the sensor pins via a simple socket
and can be directly plugged into the Bosch Sensortec’s
application board 3.0.
Shuttle board outline dimensions (all dimensions in mm)
Note: Product photo may differ from real product’s appearance



Html Pages

1 2 3