Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5259 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD5259
Description  Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5259 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD5259 Datasheet HTML 2Page - Analog Devices AD5259 Datasheet HTML 3Page - Analog Devices AD5259 Datasheet HTML 4Page - Analog Devices AD5259 Datasheet HTML 5Page - Analog Devices AD5259 Datasheet HTML 6Page - Analog Devices AD5259 Datasheet HTML 7Page - Analog Devices AD5259 Datasheet HTML 8Page - Analog Devices AD5259 Datasheet HTML 9Page - Analog Devices AD5259 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AD5259
Preliminary Technical Data
Rev. PrJ 7/22/04 | Page 6 of 14
Write Modes
Table 6. Writing to RDAC register
S
Device Address*
(7-bit)
0
SA
0
0
0
0
0
0
0
0
SA D7 D6 D5 D4 D3 D2 D1 D0 SA
P
Slave Address Byte
Instruction Byte
Data Byte
Table 7. Writing to EEPROM register
S
Device Address*
(7-bit)
0
SA
0
0
1
0
0
0
0
0
SA D7 D6 D5 D4 D3 D2 D1 D0 SA
P
Slave Address Byte
Instruction Byte
Data Byte
Table 8. Activating Software Write Protect
S
Device Address*
(7-bit)
0
SA
0
1
0
0
0
0
0
0
SA
0
0
0
0
0
0
0
WP SA
P
Slave Address Byte
Instruction Byte
Data Byte
Store/Restore Modes
Table 9. Storing RDAC value to EEPROM
S
Device Address*
(7-bit)
0
SA
1
1
0
0
0
0
0
0
SA P
Slave Address Byte
Instruction Byte
Table 10. Restoring EEPROM to RDAC
S
Device Address*
(7-bit)
0
SA
1
0
1
0
0
0
0
0
SA P
Slave Address Byte
Instruction Byte
S = Start Condition
P = Stop Condition
SA = Slave Acknowledge
MA = Master Acknowledge
NA = No Acknowledge
X = Don’t Care
W = Write
R = Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14