Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C901AVCT Fiches technique(PDF) 8 Page - Advanced Micro Devices

No de pièce AM79C901AVCT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT Fiches technique(HTML) 8 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 4Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 5Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 6Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 7Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 8Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 9Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 10Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 11Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
8
Am79C901A
PR ELI M IN AR Y
CONNECTION DIAGRAM (PL 068)
Note: NC pins are reserved and should be left unconnected.
4
321
8765
9
6867666564636261
13
14
12
11
10
15
16
17
18
19
20
21
22
23
24
25
26
32 33 34 35
28 29 30 31
27
36 37 38 39 40 41 42 43
57
56
58
59
60
55
54
53
52
51
50
49
48
47
46
45
44
RX_DV
DVDD
DVSS
RXD0/RXDAT
RXD1
RX_CLK/RXCLK
AVDD
PHY_SEL
DVDD
RX_ER
DVSS
GM_MODE
TX_CLK/TXCLK
TX_EN/TXEN
TXD0/TXDAT
TXD1/SDI
NC
NC
RX-
AVDD
RX+
AVSS
TX-
AVDD
TX+
AVSS
IREF
AVDD
HRTXRXP
AVDD
HRTXRXN
AVSS
AVSS
AVDD
Am79C901
HomePHY
22304B-2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90