| Moteur de recherche de fiches techniques de composants électroniques |
|
M60011LFCK-R Fiches technique(PDF) 1 Page - MTRONPTI |
|
|
|||||||||||||||||||||||||||||
M60011LFCK-R Fiches technique(HTML) 1 Page - MTRONPTI |
|
|
1 / 1 page ![]() MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800. Pin Connections M6001, M6002, M6003 & M6004 Series 9x14 mm FR-4, 5.0 or 3.3 Volt, HCMOS/TTL, TCXO and VCTCXO Features: Operating stabilities to ± 0.5 ppm Stratum III stability of ± 4.6 ppm (non-holdover) Applications: Ideal for Signal Processing, Military/Avionic Communications, Flight Controls, WLAN, Basestations, DWDNM, SERDES, SONET/SDH, 10G and 40G Ethernet applications • • • Revision: 7-13-06 MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800. Pin Connections M6001, M6002, M6003 & M6004 Series 9x14 mm FR-4, 5.0 or 3.3 Volt, HCMOS/TTL, TCXO and VCTCXO Features: Operating stabilities to ± 0.5 ppm Stratum III stability of ± 4.6 ppm (non-holdover) Applications: Ideal for Signal Processing, Military/Avionic Communications, Flight Controls, WLAN, Basestations, DWDNM, SERDES, SONET/SDH, 10G and 40G Ethernet applications • • • Revision: 4-26-06 |
Numéro de pièce similaire - M60011LFCK-R |
|
Description similaire - M60011LFCK-R |