Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1322B Fiches technique(PDF) 13 Page - ams AG

No de pièce AS1322B
Description  Low Voltage, Micropower, DC-DC Step-Up Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1322B Fiches technique(HTML) 13 Page - ams AG

Back Button AS1322B Datasheet HTML 9Page - ams AG AS1322B Datasheet HTML 10Page - ams AG AS1322B Datasheet HTML 11Page - ams AG AS1322B Datasheet HTML 12Page - ams AG AS1322B Datasheet HTML 13Page - ams AG AS1322B Datasheet HTML 14Page - ams AG AS1322B Datasheet HTML 15Page - ams AG AS1322B Datasheet HTML 16Page - ams AG AS1322B Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.austriamicrosystems.com
Revision 1.03
13 - 17
AS1322
austriamicrosystems
Data Sheet
PCB Layout Guidelines
The high-speed operation of the AS1322 requires proper layout for optimum performance. Figure 21 shows the recom-
mended component layout.
!
A large ground pin copper area will help to lower the device temperature.
!
A multi-layer board with a separate ground plane is recommended.
!
Traces carrying large currents should be direct.
!
Trace area at pin FB should be as small as is practical.
!
The lead-length to the battery should be as short as is practical.
Figure 21. Recommended Single-Layer Component Placement
1
AS1322
2
3
6
5
4
Optional
SHDNN
VIN
FB
VOUT
GND
SW
VOUT
VIN
SHDNN
R2
R1
COUT
CIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17