Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1322A Fiches technique(PDF) 14 Page - ams AG

No de pièce AS1322A
Description  Low Voltage, Micropower, DC-DC Step-Up Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1322A Fiches technique(HTML) 14 Page - ams AG

Back Button AS1322A Datasheet HTML 9Page - ams AG AS1322A Datasheet HTML 10Page - ams AG AS1322A Datasheet HTML 11Page - ams AG AS1322A Datasheet HTML 12Page - ams AG AS1322A Datasheet HTML 13Page - ams AG AS1322A Datasheet HTML 14Page - ams AG AS1322A Datasheet HTML 15Page - ams AG AS1322A Datasheet HTML 16Page - ams AG AS1322A Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
www.austriamicrosystems.com
Revision 1.03
14 - 17
AS1322
austriamicrosystems
Data Sheet
10 Package Drawings and Markings
The device is available in a 6-pin TSOT-23 package.
Figure 22. 6-pin TSOT-23 Package
Notes:
1. Dimensioning and tolerancing conform to ASME Y14.5M - 1994.
2. Dimensions are in millimeters.
3. Dimension D does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, and gate burrs shall
not exceed 0.15mm per end. Dimension E1 does not include interlead flash or protrusion. Interlead flash or protru-
sion shall not exceed 0.15mm per side. Dimensions D and E1 are determined at datum H.
4. The package top can be smaller than the package bottom. Dimensions D and E1 are determined at the outermost
extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs, and interlead flash, but include any
mistmatches between the top of the package body and the bottom. D and E1 are determined at datum H.
5. Datums A and B are to be determined at datum H.
6
7
3
4
3
4
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17