Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLM9D3842-16AM Fiches technique(PDF) 2 Page - Ampleon Netherlands B.V.

No de pièce BLM9D3842-16AM
Description  LDMOS 3-stage integrated Doherty MMIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPLEON [Ampleon Netherlands B.V.]
Site Internet  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLM9D3842-16AM Fiches technique(HTML) 2 Page - Ampleon Netherlands B.V.

  BLM9D3842-16AM Datasheet HTML 1Page - Ampleon Netherlands B.V. BLM9D3842-16AM Datasheet HTML 2Page - Ampleon Netherlands B.V. BLM9D3842-16AM Datasheet HTML 3Page - Ampleon Netherlands B.V. BLM9D3842-16AM Datasheet HTML 4Page - Ampleon Netherlands B.V. BLM9D3842-16AM Datasheet HTML 5Page - Ampleon Netherlands B.V. BLM9D3842-16AM Datasheet HTML 6Page - Ampleon Netherlands B.V. BLM9D3842-16AM Datasheet HTML 7Page - Ampleon Netherlands B.V. BLM9D3842-16AM Datasheet HTML 8Page - Ampleon Netherlands B.V. BLM9D3842-16AM Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BLM9D3842-16AM
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2022. All rights reserved.
Product data sheet
Rev. 1 — 25 August 2022
2 of 14
BLM9D3842-16AM
LDMOS 3-stage integrated Doherty MMIC
2.
Pinning information
2.1 Pinning
2.2 Pin description
Transparent top view
The exposed backside of the package is the ground terminal of the device.
RFout is DC grounded.
Fig 1.
Pin configuration
6
78
9
10
15
14
13
12
11
1
2
3
4
5
20
19
18
17
16
V
GS_P
GND
GND
RFin
GND
GND
GND
GND
RFout
GND
amp01212
21
Table 2.
Pin description
Symbol
Pin
Description
VGS_P
1
gate-source voltage of peaking
GND
2
ground
GND
3
ground
RFin
4
RF input
GND
5
ground
GND
6
ground
VDS1_P
7
drain-source voltage of peaking driver
GND
8
ground
VDS2
9
drain-source voltage of final stages
GND
10
ground
GND
11
ground
RFout
12
RF output
GND
13
ground
GND
14
ground
GND
15
ground
GND
16
ground
GND
17
ground
GND
18
ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com