Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB90F482PF Fiches technique(PDF) 58 Page - fujitsu semiconductor

No de pièce MB90F482PF
Description  16-bit Proprietary Microcontroller CMOS
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [fujitsu semiconductor]
Site Internet  
Logo FUJITSU - fujitsu semiconductor

MB90F482PF Fiches technique(HTML) 58 Page - fujitsu semiconductor

Back Button MB90F482PF Datasheet HTML 54Page - fujitsu semiconductor MB90F482PF Datasheet HTML 55Page - fujitsu semiconductor MB90F482PF Datasheet HTML 56Page - fujitsu semiconductor MB90F482PF Datasheet HTML 57Page - fujitsu semiconductor MB90F482PF Datasheet HTML 58Page - fujitsu semiconductor MB90F482PF Datasheet HTML 59Page - fujitsu semiconductor MB90F482PF Datasheet HTML 60Page - fujitsu semiconductor MB90F482PF Datasheet HTML 61Page - fujitsu semiconductor MB90F482PF Datasheet HTML 62Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 113 page
background image
MB90480/485 Series
58
(1) Register list
PWC control status register (PWCSR0 to PWCSR2)
PWC control status register (PWCSR0 to PWCSR2)
PWC data buffer register (PWCR0 to PWCR2)
PWC data buffer register (PWCR0 to PWCR2)
Dividing ratio control register (DIVR0 to DIVR2)
000077H
00007BH
00007FH
Initial value
0 0 0 0 0 0 0 X B
000076H
00007AH
00007EH
Initial value
0 0 0 0 0 0 0 0 B
000079H
00007DH
000081H
Initial value
0 0 0 0 0 0 0 0 B
000078H
00007CH
000080H
Initial value
0 0 0 0 0 0 0 0 B
000082H
000084H
000086H
Initial value
- - - - - - 0 0 B
15
14
13
12
11
10
9
8
STRT
STOP
EDIR
EDIE
OVIR
OVIE
ERR
R/W
R/W
R
R/W
R/W
R/W
R
Reserved
76
5
4
3
2
1
0
CKS1
CKS0
PIS1
PIS0
S/C
MOD2
MOD1 MOD0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
15
14
13
12
11
10
9
8
D15
D14
D13
D12
D11
D10
D9
D8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
5
4
3
2
1
0
DIV1
DIV0
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More