| Moteur de recherche de fiches techniques de composants électroniques |
|
MB90F482 Fiches technique(PDF) 1 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F482 Fiches technique(HTML) 1 Page - fujitsu semiconductor |
|
1 / 113 page ![]() DS07-13722-5E FUJITSU SEMICONDUCTOR DATA SHEET 16-bit Proprietary Microcontroller CMOS F2MC-16LX MB90480/485 Series MB90F481/F482/487/F488/V480/V485 s s s s DESCRIPTION The MB90480/485 series is a 16-bit general-purpose FUJITSU microcontroller designed for process control in consumer devices and other applications requiring high-speed real-time processing. The F2MC-16LX CPU core instruction set retains the AT architecture of the F2MC*1 family, with additional instruc- tions for high-level languages, expanded addressing mode, enhanced multiply-drive instructions, and complete bit processing. In addition, a 32-bit accumulator is provided to enable long-word processing. The MB90480/485 series features embedded peripheral resources including 8/16-bit PPG, expanded I/O serial interface, UART, 10-bit A/D converter, 16-bit I/O timer, 8/16-bit up-counter, PWC timer, I2C*2 interface, DTP/external interrupt, chip select, and 16-bit reload timer. *1 : F2MC, an abbreviation for FUJITSU Flexible Microcontroller, is a registered trademark of FUJITSU, Ltd. *2 : Purchase of Fujitsu I2C components conveys a license under the Philips I2C Patent Rights to use, these components in an I2C system provided that the system conforms to the I2C stand a Specification as defined by Philips. s s s s PACKAGES 100-pin plastic QFP 100-pin plastic LQFP (FPT-100P-M06) (FPT-100P-M05) |
Numéro de pièce similaire - MB90F482 |
|
Description similaire - MB90F482 |