Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT721 Fiches technique(PDF) 8 Page - Nexperia B.V. All rights reserved

No de pièce BAT721
Description  Schottky barrier diodes in small packages
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT721 Fiches technique(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button BAT721 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 10Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 11Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
1PS76SB21_BAT721_SER_6
Product data sheet
Rev. 06 — 21 December 2006
8 of 11
Nexperia
1PS76SB21; BAT721 series
Schottky barrier diodes in small packages
Dimensions in mm
Fig 8.
Reflow soldering footprint SOT23
Dimensions in mm
Fig 9.
Wave soldering footprint SOT23
MSA439
1.00
0.60
(3x)
1.30
1
2
3
2.50
3.00
0.85
2.70
2.90
0.50 (3x)
0.60 (3x)
3.30
0.85
solder lands
solder resist
occupied area
solder paste
MSA427
4.00
4.60
2.80
4.50
1.20
3.40
3
21
1.20 (2x)
preferred transport direction during soldering
solder lands
solder resist
occupied area
© Nexperia B.V. 2017. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11